Part Number Hot Search : 
C2223 MA150 AAMUA RUE300 20200C ON0680 12816 LM317AK
Product Description
Full Text Search
 

To Download BCP51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCP51 ... BCP53
BCP51 ... BCP53 PNP
Surface Mount General Purpose Si-Epi-Planar Transistors Si-Epi-Planar Universaltransistoren fur die Oberflachenmontage Power dissipation Verlustleistung Plastic case Kunststoffgehause Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
3.5
0.2
PNP
1.3 W SOT-223 0.04 g
Version 2006-06-26
6.5 3
0.2
0.1
1.65 4
Type Code
1 0.7 2.3 2 3.25 3
Dimensions - Mae [mm] 1=B 2/4 = C 3=E
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCEO - VCBO - VEBO Ptot - IC - ICM - IBM Tj TS
7
0.3
Grenzwerte (TA = 25C) BCP51 45 V 45 V BCP52 60 V 60 V 5V 1.3 W 1) 1A 1.5 A 200 mA -55...+150C -55...+150C BCP53 80 V 100 V
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis )
2
Kennwerte (Tj = 25C) Typ. Max.
- VCE = 2 V, - IC = 5 mA - VCE = 2 V, - IC = 150 mA
all groups Group -6 Group -10 Group -16 all groups
hFE hFE hFE hFE hFE
2
25 40 63 100 25 - - - - - - - - 100 160 250 - 0.5 V 1V
- VCE = 2 V, - IC = 500 mA - IC = 500 mA, - IB = 50 mA Base-Emitter voltage - Basis-Emitter-Spannung )
2
Collector-Emitter saturation voltage - Kollektor-Emitter-Sattigungsspg. ) - VCEsat - VBE
- IC = 500 mA, - IB = 50 mA
1 2
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BCP51 ... BCP53 Characteristics (Tj = 25C) Min. Collector-Base cutoff current - Kollektor-Basis-Reststrom - VCB = 30 V, (E open) - VCB = 30 V, Tj = 125C, (E open) Emitter-Base cutoff current - Emitter-Basis-Reststrom - VEB = 5 V, (C open) Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 100 MHz DC current gain ratio of the complementary pairs Verhaltnis der Stromverstarkungen komplementarer Paare l IC l = 150 mA, l VCE l = 2 V Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to soldering point Warmewiderstand Sperrschicht - Lotpad Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren hFE1/hFE2 RthA RthS - - < 93 K/W 1) < 27 K/W BCP54 ... BCP56 1.6 fT - 120 MHz - - IEB0 - - 100 nA - ICB0 - ICB0 - - - - 100 nA 10 A Kennwerte (Tj = 25C) Typ. Max.
120 [%] 100
80
60
40
20 Ptot 0 0 TA 50 100 150 [C]
Power dissipation versus ambient temperature 1) Verlustleistung in Abh. von d. Umgebungstemp.1)
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BCP51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X